PART |
Description |
Maker |
1N5408 1N5401RL 1N5408RL 1N5400 1N5400RL 1N5401 1N |
3A 200V Standard Recovery Rectifier 3A 800V Standard Recovery Rectifier 3A 400V Standard Recovery Rectifier AXIAL-LEAD STANDARD RECOVERY RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
S2D S2G S2B S2A S2M S2T S2W S2X S2Y S2J S2K S2A07 |
8 Slots: 2 IO-Slots on Standard Bus 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 Slots: 2 IO-Slots on Standard Bus 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA 5 Slots: 4 IO-Slots on Standard Bus PISA®-Backplanes with ISA-, PCI- and/or PISA®-Slots All-In-One half size Pentium® M PISA® Slot-CPU. 4 Slots: 3 IO-Slots on Standard Bus 11 Slots: 10 IO-Slots on Standard Bus Surface Mount Si-Rectifiers
|
Diotec Semiconductor AG
|
S8M 1N5614 S6M 1N5618 S2M |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(????靛?600V,骞冲?姝e??垫?2A锛?酱??????瀵??????㈠??存?浜??绠? RECTIFIER, up to 1kV, 2A, 2μs RECTIFIER, up to 1kV, 2A, 2楼矛s
|
Semtech Corporation
|
S3XB-13-F S3X-13-F S3JB-13-F S3GB-13-F |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 3A 600V 600 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
CMPWR101 CMPWR101S CMPWR101SR CMPWR101ST PWR101 |
RECTIFIER STANDARD SINGLE 3A 50V 50 200A-ifsm 10uA-ir 1V-vf DO-201AD 500/BULK 250mA的SMARTOR与V开关稳压器 RECTIFIER STANDARD SINGLE 3A 50V 50 125A-ifsm 5uA-ir 1.1V-vf DO-201AD 1.2K/REEL-13 250mA的SMARTOR与V开关稳压器 RECTIFIER STANDARD SINGLE 3A 50V 50 125A-ifsm 5uA-ir 1.1V-vf DO-201AD 500/BULK 250mA的SMARTOR与V开关稳压器 250mA SMARTOR Regulator with V switch From old datasheet system
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
MBR1545CT MBR1545CTG MBR1535CTG |
15A 45V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 7.5 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Rectifier
|
ON Semiconductor
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
TDM15002 TDM15004 TDM15008 TDM15012 TDM15014 TDM15 |
150 A, 200 V, SILICON, RECTIFIER DIODE Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO
|
RP0017 RP0017-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
RP0011 RP0011-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
MRS1504T3-D |
Surface Mount Standard Recovery Power Rectifier SMB Power Surface Mount Package 1.5A 400V Standard Recovery Rectifier
|
ON Semiconductor
|